Part Number Hot Search : 
C019B1 354508 D3SB60 TT6061J SL1525 IR2301S CLL4741A C1101
Product Description
Full Text Search
 

To Download 30KP66A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  30 kp 28(c)( a ) thru 30kp288(c)(a) 30 000 watts transient voltage suppressor 28 to 28 8 volt features x 30 000 watts peak pulse power capability on 10/1000us waveform x glass passivated junction xplastic pa ckag e devices and low incremental surge resistance x high temperature soldering guaranteed x fast response time: typically less than 1.0ps from 0 volts to bv, bidirectonal less than 1 0n s mechanical data x polarity: color band denotes positive end (cathode) except bipolar weight: 0.07 ounce, 2.5 grams x terminals: plated axial leads, solderable per mil-std-750, method 2026 maximum ratings x operating temperature: -55 : to +175 : x storage temperature: -55 : to +175 : x minimum 30 000 watts of peak pulse power capability on 10/1000us waveform x 8 walts of steady state power dissipation at r l =75 : ,lead lengths .375, (9.5mm) x forward surge current: 400 amps, 1/20 sec @ 25 o c r-6 dimensions inches mm dim min max min max note a .340 .360 8.60 9.10 b .340 .360 8.60 9.10 c .048 .052 1.20 1.30 d 1.000 --- 25.40 --- a b d d c cathode revision: a 2011/01/01  
 omp onents 20736 marilla street chatsworth       
     mcc ? ul recognized file # e331408 tm micro commercial components x www. mccsemi .com 1 of 3 notes:1.high temperature solder exemption applied, see eu directive annex 7. ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
30 kp 28(c)( a )~288(c)(a) www. mccsemi .com 2 of 3 revision: a 2011 /01/01 reverse stand- off voltage v rwm (v) breakdown voltage v br (v) min. @i t breakdown voltage v br (v) max. @i t test current i t (ma) peak pulse current ipp (a) reverse leakage @ v rwm i r ( a) maximum clamping voltage@i pp vc(v) uni-polar bi-polar 30kp28a 30kp28ca 28 31.28 34.24 50 606 5000 50 30kp30a 30kp30ca 30 33.51 36.69 50 548.9 5000 55.2 30kp33a 30kp33ca 33 36.9 40.4 50 517.9 5000 58.5 30kp36a 30kp36ca 36 40.2 44 50 490.3 5000 61.8 30kp39a 30kp39ca 39 43.6 47.7 20 450.9 2000 67.2 30kp42a 30kp42ca 42 46.9 51.4 10 420.8 1000 72 30kp43a 30kp43ca 43 48 52.6 10 415.1 1000 73 30kp45a 30kp45ca 45 50.3 55 5 391.5 250 77.4 30kp48a 30kp48ca 48 53.6 58.7 5 371.3 150 81.6 30kp51a 30kp51ca 51 57 62.4 5 350.7 50 86.4 30kp54a 30kp54ca 54 60.3 66 5 331.5 20 91.4 30kp58a 30kp58ca 58 64.8 70.9 5 327.9 20 92.4 30kp60a 30kp60ca 60 67 73.4 5 297.1 15 102 30kp64a 30kp64ca 64 71.5 78.3 5 291.3 10 104 30KP66A 30kp66ca 66 73.7 80.7 5 283.2 10 107 30kp70a 30kp70ca 70 78.2 85.6 5 278 10 109 30kp71a 30kp71ca 71 79.3 86.8 5 271.7 10 111.5 30kp72a 30kp72ca 72 80.4 88.1 5 265.8 10 114 30kp75a 30kp75ca 75 83.8 91.7 5 253.8 10 119.4 30kp78a 30kp78ca 78 87.1 95.4 5 234.9 10 129 30kp84a 30kp84ca 84 93.8 102.7 5 217.7 10 139.2 30kp90a 30kp90ca 90 100.5 110.1 5 207 10 146.4 30kp96a 30kp96ca 96 107.2 117.4 5 194.2 10 156 30kp102a 30kp102ca 102 113.9 124.7 5 183 10 165.6 30kp108a 30kp108ca 108 120.6 132.1 5 172.9 10 175.2 30kp120a 30kp120ca 120 134 146.8 5 155.9 10 194.4 30kp132a 30kp132ca 132 147.4 161.4 5 142.3 10 213 30kp144a 30kp144ca 144 160.8 176.1 5 135.8 10 223.2 30kp150a 30kp150ca 150 167.6 183.5 5 129.8 10 233.4 30kp156a 30kp156ca 156 174.3 190.8 5 123.7 10 245 30kp160a 30kp160ca 160 178.7 195.7 5 120 10 252.6 30kp168a 30kp168ca 168 187.7 205.5 5 111.2 10 272.4 30kp170a 30kp170ca 170 189.9 207.9 5 110.2 10 275 30kp180a 30kp180ca 180 201.1 220.1 5 104.3 10 290.4 30kp198a 30kp198ca 198 221.2 242.2 5 94.7 10 319.8 30kp216a 30kp216ca 216 241.3 264.2 5 86.9 10 348.6 30kp240a 30kp240ca 240 268.1 293.5 5 78.3 10 387 30kp258a 30kp258ca 258 288.2 315.5 5 72.8 10 416.4 30kp260a 30kp260ca 260 290.4 318 5 72.8 10 416 30kp270a 30kp270ca 270 301.6 330.2 5 69.5 10 436.2 30kp280a 30kp280ca 280 312.8 342.4 5 65.3 10 464 30kp288a 30kp288ca 288 321.7 352.2 5 64.5 10 469.9 for bidirectional type having vrwm of 60 volts and less, the ir limit is double. for parts without a , the vbr is + 10% part number mcc tm micro commercial components
mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 3 of 3 3 device packing part number-tp tape&reel: 500pcs/reel part number-ap ammo packing: 450pcs/ammo box part number-bp bulk: 4.8kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of 30KP66A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X